Part Number Hot Search : 
OH413 GBP308 08055C LT1812 MA11FAD D0715 C350KT62 45H11
Product Description
Full Text Search
 

To Download MMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907 / MMBT2907A
MMBT2907 / MMBT2907A PNP
Version 2006-05-15 Power dissipation - Verlustleistung
2.9 0.1 0.4 3 1.30.1 1.1
Surface Mount Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren fur die Oberflachenmontage
PNP
250 mW SOT-23 (TO-236) 0.01 g
Type Code
1 1.9 2
2.5 max
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Dimensions - Mae [mm] 1=B 2=E 3=C
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCEO - VCBO - VEBO Ptot - IC Tj TS
Grenzwerte (TA = 25C) MMBT2907 40 V 60 V 5V 250 mW 1) 600 mA -55...+150C -55...+150C MMBT2907A 60 V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis )
2
Kennwerte (Tj = 25C) Typ. - - - - - - - - - - - Max. - - - - - - - - 300 0.4 V 1.6 V
- IC = 0.1 mA, - VCE = 10 V - IC = 1 mA, - VCE = 10 V - IC = 10 mA, - VCE = 10 V - IC = 500 mA, - VCE = 10 V - IC = 150 mA, - VCE = 10 V - IC = 150 mA, - IB = 15 mA - IC = 500 mA, - IB = 50 mA
MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A
hFE hFE hFE hFE hFE hFE hFE hFE hFE
2
35 75 50 100 75 100 30 50 100 - -
Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung ) MMBT2907 MMBT2907A - VCEsat - VCEsat
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
MMBT2907 / MMBT2907A Characteristics (Tj = 25C) Min. Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) - IC = 150 mA, - IB = 15 mA - IC = 500 mA, - IB = 50 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) - IC = 150 mA, - IB = 15 mA Collector-Base cutoff current - Kollektor-Basis-Reststrom - VCB = 50 V, (E open) - VCB = 50 V, Tj = 125C, (E open) Gain-Bandwidth Product - Transitfrequenz - VCE = 20 V, - IC = 50 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 10 V, IE = ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat - VEB = 2 V, IC = ic = 0, f = 1 MHz Switching times - Schaltzeiten (between 10% and 90% levels) turn on delay time rise time turn off storage time fall time - VCC = 30 V, - VBE = 1.5 V - IC = 150 mA, - IB1 = 15mA ton td tr toff ts tf RthA - - - - - - - - - - - - < 420 K/W 1) MMBT2222 / MMBT2222A MMBT2907 = 2B MMBT2907A = 2F 45 ns 10 ns 40 ns 100 ns 80 ns 30 ns CEBO - - 30 pf CCBO - - 8 pF fT 200 MHz - - MMBT2907 MMBT2907A - ICBO - ICBO - ICBO - - - - - - 20 nA 10 nA 20 A - VBEsat - VBEsat - - - - 1.3 V 2.6 V - VCEsat - VCEsat - - - - 0.4 V 1.6 V Kennwerte (Tj = 25C) Typ. Max.
- VCC = 30 V, - IC = 150 mA, - IB1 = - IB2 = 15 mA
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren Marking - Stempelung
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of MMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X